Part Number Hot Search : 
OKA11 GC4222 74HCT40 857072 34025 S139HMSR BFR22 00A88
Product Description
Full Text Search
 

To Download TP2T3CSBK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tactile Switches
6 x 6 mm THT Tactile Switches with Ground Terminal
Round Stem
TP2 Series
7.40
TP2R44: 2.4 TP2R48: 2.8 Square Stem
6.20 4.30 6.55
TP2R44: 1.6 TP2R48: 2.0 Round Stem TP2R1: 0.3 MAX. TP2R2~TP2R6: 0.4 MAX.
GROUND TERMINAL
CIRCUIT DIAGRAM 7.20 O3.50
1.80 -0.5
4.00
0.40
0.70 4.50 7.000.50 8.500.40
0.30 2.55 3.500.50 H 4.00
Round Stem
1.70 0.70 2.50 3.15 6.15
0.40 MAX.
+0
7.000.10 2.500.10 1.00.05 4.500.10 P.C.B. LAYOUT
TP2R Right Angle Type with Ground Terminal
6.20 4.30
TP2T1: 0.4 MAX. TP2T2~TP2T6: 0.5 MAX.
Square Stem
O3.50
Square Stem
1.70
O3.50 O3.50
4.50
TP2T44: 2.4 TP2T48: 2.8 TP2T44: 1.6 TP2T48: 2.0
CIRCUIT DIAGRAM
1.50
Round Stem
0.30
3.500.50 1.80 -0.5 0.70 6.500.50 7.900.50
+0
4.10 6.500.10 4.500.10
Square Stem
Square Stem
4.100.10
TP2T Top Type with Ground Terminal
B` A
Round Stem
0.70
15
1.00.05 P.C.B. LAYOUT
B` A 2.45 A` A`
R25 B O4.50 2.45
3.10 O4.50 FULL R0.3 2.50 1.80 5.50 1.70 1.70 B 4.00 2.45
3.10 4.00
FULL R0.3 2.50 1.80 5.50
1.35
1.00
1.00 SEC B-B`
K06R Round Caps
SEC A-A`
K06S Square Caps
SEC A-A`
1.35
SEC B-B`
How to order:
1 2 3 4 5
General Specifications:
TP2
1
+
6
7
(Caps)
MATERIALS Contact Disc: Stainless steel Terminal: Brass with silver plated MECHANICAL Stroke: 0.25 (+0.2/-0.1) mm Operation Temperature: -25C to +70C Storage Temperature: -30C to +80C ELECTRICAL
R T
2
TYPE OF TACTILE SWITCH: Right Angle Type with Ground Terminal Top Type with Ground Terminal
4
Blank
S
5
MATERIAL OF DOME: Phosphor Bronze Dome Stainless Steel Dome PACKAGE STYLE: Bulk Pack
DIMENSION "H" FOR TP2R: H=3.15mm (Round Stem) 1 2 H=3.85mm (Round Stem) 3 H=5.85mm (Round Stem) 44 H=6.15mm (Square Stem 2.4mm) 48 H=6.15mm (Square Stem 2.8mm) 5 H=8.35mm (Round Stem) 6 H=11.85mm (Round Stem) DIMENSION "H" FOR TP2T: H=4.3mm (Round Stem) 1 H=5.0mm (Round Stem) 2 H=7.0mm (Round Stem) 3 H=7.3mm (Square Stem 2.4mm) 44 H=7.3mm (Square Stem 2.8mm) 48 H=9.5mm (Round Stem) 5 H=13.0mm (Round Stem) 6 Individual stem heights available by request
3
BK
Optional:
6
Electrical Life (Phosphor Bronze Dome): 50,000 cycles for 320gf, 520gf 100,000 cycles for 260gf 200,000 cycles for 100gf, 160gf Electrical Life (Stainless Steel Dome): 300,000 cycles for 320gf, 520gf 500,000 cycles for 260gf 1,000,000 cycles for 100gf, 160gf Rating: 50mA, 12VDC Contact Arrangement: 1 pole 1 throw LEADFREE SOLDERING PROCESSES Wave Soldering: Recommended solder temperature at 260C max. 5 seconds subject to PCB 1.6mm thickness.
K06S K06R 6
7
CAP TYPE (Only for Square Stems): Square Caps Round Caps COLOR OF CAPS: Black Ivory Red Yellow Green Blue Gray Salmon
A K C J E
STEM COLOR & OPERATING FORCE: Black & 10050gf Brown & 16050gf Red & 26050gf Salmon & 32080gf Yellow & 520130gf
A B C E F G H S
General Tolerance: 0.2 mm
sales@greatecs.com
www.greatecs.com
E02
Tactile Switches
3.60
3.60
4.30 7.300.20
H


▲Up To Search▲   

 
Price & Availability of TP2T3CSBK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X